Part Number Hot Search : 
GR501 034N03L 02M0R 3PMT64A TPCS8101 GP2A18F UTR4405 ELM408
Product Description
Full Text Search
 

To Download 1N3044BUR-1E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds - 0285 -1, rev . 1 (4 /22/13 ) ?201 3 microsemi corporation page 1 of 5 1n3016bur-1 C 1n3045bur-1 available on commercial versions 1 w att s urface m ount z ener d iodes qualified per mil - prf - 19500/ 115 qualified levels : jan, jantx, and jantxv description this surface mountable z ener diode series is similar to the 1n3016 b-1 through 1n3045 b-1 jedec registration in the do - 13 package except that it meets the surface mount do - 213ab outline. it is an ideal selection for applications of high density and low parasitic req uirements. d ue to its glass hermetic seal qualities and metallurgically enhanced internal constructi on, it is also well suited for high - reliability applications where it is available in jan, jantx, and jantxv military qualifications. lower voltages are also available in the 1n3821aur - 1 through 1n3828aur - 1 series (3.3 v to 7.5 v) in the same package (see separate data sheet). do -2 13 ab (melf, ll41) package also available in : do- 41 package ( glass axial - leaded ) 1n3016b - 1 C 1n3045b -1 important: for the latest information, visit our website http://www.microsemi.com . features ? leadless surface mount equivalents to the jedec registered 1n3016 thr ough 1n3045 number series. ? zener voltage range: 6.8 volts to 110 volts. ? hermetically sealed , double plug glass construction . ? metallurgically bonded. ? voltage tolerances of 5%, 2%, and 1% available . ? jan, jantx, and jantxv qualificat ion s also available per mil - prf - 19500/115 . (s ee part nomenclature for all available options.) ? rohs compliant versions available (commercial grade only) . applications / benefits ? regulates voltage over a broad operating current and temperature range . ? wide selection from 6.8 to 110 v. ? low reverse (leakage) currents. ? leadless package for surface mounting. ? ideal for high - density situations. ? metallurgically enhanced internal contact design for greater reliability and lower thermal r esistance. ? non - sensitive to esd. ? inherently radiation hard as described in microsemi micronote 050 . maximum ratings msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +3 53 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com notes : 1. derate linearly starting at t ec 125 oc to zero at 175 oc (see figure1 ). parameters/test conditions symbol value unit junction and storage temperature t j and t stg -5 5 to +175 oc thermal resistance junction - to - end cap r ? j ec 50 oc /w dc power dissipation (1) p d 1.0 w forward voltage @ 200 ma v f 1. 2 v solder temperature @ 10 s t sp 260 o c downloaded from: http:///
t4 - lds - 0285 -1, rev . 1 (4 /22/13 ) ?201 3 microsemi corporation page 2 of 5 1n3016bur-1 C 1n3045bur-1 mechanical and packaging ? case: hermetically sealed glass melf package . ? terminals: tin/lead or rohs compliant matte - tin finished copper clad steel available (commercial grade only). solderable per mil - std - 750, method 2026. ? marking: cathode band. ? polarity: diode to be operated with the banded end positive with respect to the opposite end for zener regulation . ? mounting surface selection: the axial coefficient of expansion (coe) of t his device is approximately +6ppm/c. the coe of the mounting surface system should be selected to provide a suitable match with this device. ? tape & reel optional: standard per eia - 481 -1- a with 12 mm tape. consult factory for quantities. ? weight: approximately 0.05 grams. ? see p ackage d imensions on last page. part nomenclature jan 1n3016 b ur -1 e3 reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = commercial jedec type number ( see electrical characteristic s t able ) zener voltage tolerance b = 5% c = 2% d = 1% rohs compliance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant metallurgical ly bond ed surface mount melf package symbols & definitions symbol definition i r reverse current: the maximum reverse (leakage) current that will flow at the specified vol tage and temperature. i z , i zt , i zk regulator current: the dc regulator current (i z ), at a specified test point (i zt ), near breakdown knee (i zk ). i zm maximum regulator (zener) current: the maximum rated dc current for the specified power rat ing. v f maximum forward voltage: the maximum forward voltage the device will exhibit at a specified current. v r reverse voltage: the reverse voltage dc value, no alternating component. v z zener voltage: the z ener voltage the device will exhibit at a specified current (i z ) in its breakdown region. z zt or z zk dynamic impedance: the small signal impedance of the diode when biased to operate in its break down region at a spec ified rms current modulation (typically 10% of i zt or i zk ) and superimposed on i zt or i zk respectively. downloaded from: http:///
t4 - lds - 0285 -1, rev . 1 (4 /22/13 ) ?201 3 microsemi corporation page 3 of 5 1n3016bur-1 C 1n3045bur-1 * electrical characteristics @ 25 c jedec type number nominal zener voltage v z @ i zt (note 1) zener test current i zt maximum zener impedance (no te 3) maximum zener current i zm (note 3) maximum reverse leakage current? i r @ v r maximum temp. coeff. of zener voltage vz z zt @ i zt z zk @ i zk volts ma o hms o hms ma ma a volts %/ o c 1n3016b ur -1 1n3017b ur -1 1n3018b ur -1 1n3019b ur -1 6.8 7.5 8. 2 9.1 37 34 31 28 3.5 4.0 4.5 6 700 700 700 700 1.0 .5 .5 .5 140 125 115 105 150 100 50 25 5.2 5.7 6.2 6.9 0.061 0.065 0.070 0.073 1n3020b ur -1 1n3021b ur -1 1n3022b ur -1 1n3023b ur -1 10 11 12 13 25 23 21 19 7 8 9 10 700 700 700 700 .25 .25 .25 .25 95 85 80 74 25 10 10 10 7.6 8.4 9.1 9.9 0.076 0.078 0.081 0.085 1n3024b ur -1 1n3025b ur -1 1n3026b ur -1 1n3027b ur -1 15 16 18 20 17 15.5 14 12.5 14 16 20 22 700 700 750 750 .25 .25 .25 .25 63 60 52 47 10 10 10 10 11.4 12.2 13.7 15.2 0.088 0.089 0.091 0.092 1n3028b ur -1 1 n3029b ur -1 1n3030b ur -1 1n3031b ur -1 22 24 27 30 11.5 10.5 9.5 8.5 23 25 35 40 750 750 750 1000 .25 .25 .25 .25 43 40 34 31 10 10 10 10 16.7 18.2 20.6 22.8 0.093 0.094 0.096 0.098 1n3032b ur -1 1n3033b ur -1 1n3034b ur -1 1n3035b ur -1 33 36 39 43 7.5 7.0 6.5 6.0 45 50 60 70 1000 1000 1000 1500 .25 .25 .25 .25 28 26 23 21 10 10 10 10 25.1 27.4 29.7 32.7 0.099 0.100 0.101 0.102 1n3036b ur -1 1n3037b ur -1 1n3038b ur -1 1n3039b ur -1 47 51 56 62 5.5 5.0 4.5 4.0 80 95 110 125 1500 1500 2000 2000 .25 .25 .25 .25 19 18 17 15 10 10 10 10 35.8 38.8 42.6 47.1 0.102 0.103 0.103 0.104 1n3040b ur -1 1n3041b ur -1 1n3042b ur -1 1n3043b ur -1 68 75 82 91 3.7 3.3 3.0 2.8 150 175 200 250 2000 2000 3000 3000 .25 .25 .25 .25 14 12 11 10 10 10 10 10 51.7 56.0 62.2 69.2 0.104 0.105 0.106 0.108 1n3044b ur -1 1n3045b ur -1 100 110 2.5 2.3 350 450 3000 4000 .25 .25 9.0 8.3 10 10 76.0 83.6 0.11 0.11 *jedec registered data. ?not jedec data. notes: 1. zener v oltage ( v z ) is measured with junction in thermal equilibrium with still air at a tem perature o f 25 o c . the test currents (i zt ) at nominal voltages provide a constant 0.25 watts. 2. the z ener impedance is derived when a 60 cycle ac current having an rms value equal to 10% of the dc z ener current (i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at 2 points to ensure a sharp knee on the breakdown curve and to eliminate unstable units. see micronote 202 for variation in dynamic impedance with differe nt z ener currents. 3. these values of i zm may often be exceeded in the case of individual diodes. the values shown are calculated for a unit at the high voltage end of its tolerance range. allowance has also been made for the rise in z ener voltage above v zt that results from z ener impedance and the increase in junction temperature as a unit approaches thermal equilibrium at a dissipat ion of 1 watt. the i zm values shown for +/ - 5% tolerance units may be used with little error for +/ - 10% tolerance units, but should be reduced by 7% to include a +/ - 20% tolerance unit near the high voltage end of its tolerance range. downloaded from: http:///
t4 - lds - 0285 -1, rev . 1 (4 /22/13 ) ?201 3 microsemi corporation page 4 of 5 1n3016bur-1 C 1n3045bur-1 graphs t ec (oc) (end cap) figure 1 temperature -po wer d erating c urve dc operation maximum rating (w) downloaded from: http:///
t4 - lds - 0285 -1, rev . 1 (4 /22/13 ) ?201 3 microsemi corporation page 5 of 5 1n3016bur-1 C 1n3045bur-1 package dimensions sy mbol d ime n si ons i nc h m illime ters min max min max bd 0 .0 94 0 .105 2.39 2.67 bl 0 .189 0 .205 4.80 5.21 ect 0 .01 4 0 .022 0.360 0.560 s 0 .001 min 0.03 min notes: 1 . dimen sio ns are in in ch es. m illim eters are gi ven for ge ne ral in for ma t io n onl y. 2. gap not controlled, shape of body and gap not controlled. 3. in ac co rd an ce wi th asme y 14 .5m, diame ters are eq uival en t to x s ym bo l og y. pad layout ltr i nch mm a 0.276 7.00 b 0.070 1.8 c 0.110 2 .8 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 1N3044BUR-1E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X